PART |
Description |
Maker |
IPT1-134-08-L-D-POL IPT1-134-08-S-D-POL IPT1-134-0 |
68 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 80 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 84 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 86 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 46 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 88 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER ROHS COMPLIANT 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 66 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 100 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN PLUG .100 20POS DUAL PCB 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Samtec, Inc. RCD Components, Inc. Coilcraft, Inc. SAMTEC INC
|
15-97-7162 15-97-7122 15-97-7062 15-97-7066 15-97- |
A-30069-16A1 O/DH 16Ckt 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-12A1 V-0 w/o drain hole 12 Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-06A1 VO/DH 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-06B1 /DH 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit TPA Vt Hdr/Pegs Au O/DH 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-04A2 VO/DH 4Ckt 15977042
|
Molex, Inc. MOLEX INC
|
PE44306 |
MCX Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
|
Pasternack Enterprises, Inc.
|
26-01-1098 |
CONN ASSY SOLDER 3.96MM 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
PE4290 |
75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
|
Pasternack Enterprises, Inc.
|
PE4238 |
BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
|
Pasternack Enterprises,...
|
CES-150-01-S-S CES-104-01-S-S SLW-1 CES-130-01-S-S |
CONN RCPT 50POS .100 SNGL GOLD 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LOW PROFILE .025" SQUARE STRIPS 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 49 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
PE4241 |
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|
PE4911 |
SMA Female Right Angle Connector Solder Attachment Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
|
Pasternack Enterprises,...
|
PC4-060P-714 PC2-060P-714 PC2-160P-714 PC2-020P-71 |
160 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 64 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 72 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 96 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 260 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 190 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 150 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 140 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 320 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 128 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Amphenol, Corp. AMPHENOL CORP
|
PE44920 |
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .135 inch Pin Length
|
Pasternack Enterprises,...
|
|